PART |
Description |
Maker |
K7N803601B K7N803649B-QC25 DS_K7N803601B K7M801825 |
512Kx36 & 1Mx18 Pipelined NtRAM 256Kx36 & 512Kx18-Bit Flow Through NtRAM 256Kx36 & 512Kx18-Bit Pipelined NtRAMTM THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:5R; Tolerance, resistance:20%; Beta value:2800; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Case RoHS Compliant: Yes 256Kx36 & 512Kx18-Bit Pipelined NtRAM 256Kx36
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
PKGS-SPEC-00LDP1-EN |
This product specification is applied to surface mountable acceleration sensors used for hard null disk drive in a personal computer
|
Murata Manufacturing Co...
|
PD064VT2 AZDISPLAYSINC.-PD064VT2 |
This product applies computer peripheral, industrial meter, image communication, web-pad, e-boobs and multi-media 该产品适用于电脑周边设备,工业米,图像通信,网络,垫,电子胸部和多媒体 TECHNICAL SPECIFICATION
|
http:// AZ Displays, Inc. ETC
|
24C16B |
Note:This product is not recommended for new designs. Please consider 24LC16B instead.The 24C16B is an 8K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit with an I2C compatible 2-wire serial
|
Microchip
|
K7B803625B K7B801825B |
256Kx36 & 512Kx18 Synchronous SRAM
|
Samsung semiconductor
|
KM736V890 |
256Kx36 Synchronous SRAM(256Kx36位同步静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
KM718V987 KM736V887 |
256KX36 & 512KX18 SYNCHRONOUS SRAM
|
Samsung Electronic Samsung semiconductor
|
MS7202AL MS7201AL MS7200L MS7200-25FC MS7201-25FC |
25ns; 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 X 9 OTHER FIFO, 25 ns, PQCC32 25ns 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 x 9 CMOS FIFO 256 x 9, 512 x 9, 1K x 9 CMOS FIFO FIFO, Single, 256x9, Uni-directional, 5V Supply, Commercial, LDCC, 32-Pin
|
MOSEL-VITELIC Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
JS28F256P33BFA 320003 |
NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
|
Numonyx B.V
|
KM736V847 |
256Kx36-Bit Flow Through No Turnaround SRAM(256Kx36位数据流无返回静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
KM718V987 |
(KM736V887 / KM718V987) 256Kx36 & 512Kx18 Synchronous SRAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|